PART |
Description |
Maker |
9G1248A401 9G1212B401 9G1212E401 9G1212F401 9G1212 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9S1212F401 9S1212H401 9S1212M401 9S1212L401 9S1224 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9WP1212H101 9WP1248H101 9WP1224H101 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
OA125AP-22-1 OA125AP-22-2 OA125AP-22-3 OA125AP-11- |
AC Fan - 115V, 230V, Dual Voltage 120 x 25mm (4.7 x 1.0?
|
ORION FANS
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
AQY210KSX AQY210KSZ |
PhotoMOS relay, GU (general use) type. 1-channel(form A) with short circuit protection. AC/DC type. Output rating: load voltage 350 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
TC654 |
(TC654 / TC655) PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology
|
AQY210HLAZ AQY210HLAX AQY210HL AQY210HLA |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
2SC3928 2SC3928A |
200mW SMD NPN transistor, maximum rating: 50V Vceo, 200mA Ic, 120 to 820 hFE. Improve on 2SC3928 For Low Frequency Amplify Application Sillcon Npn Epitaxial Type (Mini type) 低频扩增应用Sillcon npn型外延式(迷你型
|
Isahaya Electronics Corporation List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ECG2331 ECG2326 ECG2322 ECG2328 ECG2332 ECG2333 |
FAN AC 176X89 220V BALL, 420cfm TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 8A I(C) | TO-220VAR FAN AC 172X51 115V BALL, 106cfm TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | TO-247VAR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|47VAR FAN AC 180X65 115V BALL, 400cfm 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|甲一(c)|20 FAN AC 180X65 115V BALL, 340cfm 晶体管|晶体管|叩| 450V五(巴西)总裁| 8A条一c)| TO - 220AB现有
|
Vishay Intertechnology, Inc. NEC, Corp.
|